Part Number Hot Search : 
D8042 NJM2720 D85C220 AOD7N65 UPC1210C 74LVC125 EN4403B AKD46
Product Description
Full Text Search
 

To Download 74AC109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AC109 * 74ACT109 Dual JK Positive Edge-Triggered Flip-Flop
November 1988 Revised August 2000
74AC109 * 74ACT109 Dual JK Positive Edge-Triggered Flip-Flop
General Description
The AC/ACT109 consists of two high-speed completely independent transition clocked JK flip-flops. The clocking operation is independent of rise and fall times of the clock waveform. The JK design allows operation as a D-Type flip-flop (refer to AC/ACT74 data sheet) by connecting the J and K inputs together. Asynchronous Inputs: LOW input to SD (Set) sets Q to HIGH level LOW input to CD (Clear) sets Q to LOW level Clear and Set are independent of clock Simultaneous LOW on CD and SD makes both Q and Q HIGH
Features
s ICC reduced by 50% s Outputs source/sink 24 mA s ACT109 has TTL-compatible inputs
Ordering Code:
Order Number 74AC109SC 74AC109SJ 74AC109MTC 74AC109PC 74ACT109SC 74AC109MTC 74ACT109PC Package Number M16A M16D MTC16 N16E M16A MTC16 N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 16-Lead Plastic Dual-in-Line Package (PDIP), JEDEC MS-001, 0.300" Wide 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Device also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Connection Diagram
Pin Descriptions
Pin Names J1, J2, K1, K2 CP1, CP2 CD1, CD2 SD1, SD2 Q1, Q2, Q1, Q2 Description Data Inputs Clock Pulse Inputs Direct Clear Inputs Direct Set Inputs Outputs
FACT is a trademark of Fairchild Semiconductor Corporation.
(c) 2000 Fairchild Semiconductor Corporation
DS009923
www.fairchildsemi.com
74AC109 * 74ACT109
Logic Symbols
IEEE/IEC
Truth Table
(each half) Inputs SD L H L H H H H H CD H L L H H H H H CP X X J X X X L H L H X K X X X L L H H X Outputs Q H L H L Toggle Q0 H Q0 Q0 L Q0 Q L H H H

L
X
H = HIGH Voltage Level L = LOW Voltage Level = LOW-to-HIGH Transition X = Immaterial Q0(Q0) = Previous Q0(Q0) before LOW-to-HIGH Transition of Clock
Logic Diagram (one half shown)
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.fairchildsemi.com
2
74AC109 * 74ACT109
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Diode Current (IIK) VI = -0.5V VI = VCC + 0.5V DC Input Voltage (VI) DC Output Diode Current (IOK) VO = -0.5V VO = VCC + 0.5V DC Output Voltage (VO) DC Output Source or Sink Current (IO) DC VCC or Ground Current per Output Pin (ICC or IGND) Storage Temperature (TSTG) Junction Temperature (TJ) PDIP 140C
-0.5V to +7.0V -20 mA +20 mA -0.5V to VCC + 0.5V -20 mA +20 mA -0.5V to VCC + 0.5V 50 mA 50 mA -65C to +150C
Recommended Operating Conditions
Supply Voltage (VCC) AC ACT Input Voltage (VI) Output Voltage (VO) Operating Temperature (TA) Minimum Input Edge Rate (V/t) AC Devices VIN from 30% to 70% of VCC VCC @ 3.3V, 4.5V, 5.5V Minimum Input Edge Rate (V/t) ACT Devices VIN from 0.8V to 2.0V VCC @ 4.5V, 5.5V 125 mV/ns
Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables.Fairchild does not recommend operation of FACT circuits outside databook specifications.
2.0V to 6.0V 4.5V to 5.5V 0V to VCC 0V to VCC
-40C to +85C
125 mV/ns
DC Electrical Characteristics for AC
Symbol VIH Parameter Minimum HIGH Level Input Voltage VIL Maximum LOW Level Input Voltage VOH Minimum HIGH Level Output Voltage VCC (V) 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 VOL Maximum LOW Level Output Voltage 3.0 4.5 5.5 3.0 4.5 5.5 IIN (Note 4) IOLD IOHD ICC (Note 4) Maximum Input Leakage Current Minimum Dynamic Output Current (Note 3) Maximum Quiescent Supply Current 5.5 5.5 5.5 5.5 2.0 0.002 0.001 0.001 TA = +25C Typ 1.5 2.25 2.75 1.5 2.25 2.75 2.99 4.49 5.49 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.56 3.86 4.86 0.1 0.1 0.1 0.36 0.36 0.36 0.1 TA = -40C to +85C Guaranteed Limits 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 VIN = VIL or VIH 2.46 3.76 4.76 0.1 0.1 0.1 VIN = VIL or VIH 0.44 0.44 0.44 1.0 75 -75 20.0 A mA mA A V IOL = 12 mA IOL = 24 mA IOL = 24 mA (Note 2) VI = VCC, GND VOLD = 1.65V Max VOHD = 3.85V Min VIN = VCC or GND V IOUT = 50 A V IOH = -12 mA IOH = -24 mA IOH = -24 mA (Note 2) V IOUT = -50 A V VOUT = 0.1V or VCC - 0.1V V Units Conditions VOUT = 0.1V or VCC - 0.1V
Note 2: All outputs loaded; thresholds on input associated with output under test. Note 3: Maximum test duration 2.0 ms, one output loaded at a time. Note 4: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
3
www.fairchildsemi.com
74AC109 * 74ACT109
DC Electrical Characteristics for ACT
Symbol VIH VIL VOH Parameter Minimum HIGH Level Input Voltage Maximum LOW Level Input Voltage Minimum HIGH Level Output Voltage VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Maximum LOW Level Output Voltage 4.5 5.5 4.5 5.5 IIN ICCT IOLD IOHD ICC Maximum Input Leakage Current Maximum ICC/Input Minimum Dynamic Output Current (Note 6) Maximum Quiescent Supply Current 5.5 5.5 5.5 5.5 5.5 2.0 0.6 0.001 0.001 TA = +25C Typ 1.5 1.5 1.5 1.5 4.49 5.49 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36 0.1 TA = -40C to +85C Guaranteed Limits 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1.0 1.5 75 -75 20.0 A mA mA mA A V Units V V V Conditions VOUT = 0.1V or VCC - 0.1V VOUT = 0.1V or VCC - 0.1V IOUT = -50 A VIN = VIL or VIH V IOH = -24 mA IOH = -24 mA (Note 5) IOUT = 50 A VIN = VIL or VIH V IOL = 24 mA IOL = 24 mA (Note 5) FVI = VCC, GND VI = VCC - 2.1V VOLD = 1.65V Max VOHD = 3.85V Min VIN = VCC or GND
Note 5: All outputs loaded; thresholds on input associated with output under test. Note 6: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
VCC Symbol fMAX tPLH tPHL tPLH tPHL Parameter Maximum Clock Frequency Propagation Delay CPn to Qn or Qn Propagation Delay CPn to Qn or Qn Propagation Delay CDn or SDn to Qn or Qn Propagation Delay CDn or SDn to Qn or Qn
Note 7: Voltage Range 3.3 is 3.3V 0.3V Voltage Range 5.0 is 5.0V 0.5V
TA = +25C CL = 50 pF Min 125 150 4.0 2.5 3.0 2.0 3.0 2.5 3.0 2.0 Typ 150 175 8.0 6.0 8.0 6.0 8.0 6.0 10.0 7.5 13.5 10.0 14.0 10.0 12.0 9.0 12.0 9.5 Max
TA = -40C to +85C CL = 50 pF Min 100 125 3.5 2.0 3.0 1.5 2.5 2.0 3.0 2.0 16.0 10.5 14.5 10.5 13.0 10.0 13.5 10.5 Max MHz ns ns ns ns Units
(V) (Note 7) 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0
www.fairchildsemi.com
4
74AC109 * 74ACT109
AC Operating Requirements for AC
VCC Symbol tS tH tW tREC Parameter Setup Time, HIGH or LOW Jn or Kn to CPn Hold Time, HIGH or LOW Jn or Kn to CPn Pulse Width CDn or SDn Recovery Time CDn or SDn to CPn
Note 8: Voltage Range 3.3 is 3.3V 0.3V Voltage Range 5.0 is 5.0V 0.5V
TA = +25C CL = 50 pF Typ 3.5 2.0 -1.5 -0.5 2.0 2.0 -2.5 -1.5 6.5 4.5 0 0.5 7.0 4.5 0 0
TA = -40C to +85C CL = 50 pF Guaranteed Minimum 7.5 5.0 0 0.5 7.5 5.0 0 0 ns ns ns ns Units
(V) (Note 8) 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0
AC Electrical Characteristics for ACT
VCC Symbol fMAX tPLH tPHL tPLH tPHL Parameter Maximum Clock Frequency Propagation Delay CPn to Qn or Qn Propagation Delay CPn to Qn or Qn Propagation Delay CDn or SDn to Qn or Qn Propagation Delay CDn or SDn to Qn or Qn
Note 9: Voltage Range 5.0 is 5.0V 0.5V
TA = +25C CL = 50 pF Min 145 4.0 3.0 2.5 2.5 Typ 210 7.0 6.0 5.5 6.0 11.0 10.0 9.5 10.0 Max
TA = -40C to +85C CL = 50 pF Min 125 3.5 2.5 2.0 2.0 13.0 11.5 10.5 11.5 Max MHz ns ns ns ns Units
(V) (Note 9) 5.0 5.0 5.0 5.0 5.0
AC Operating Requirements for ACT
VCC Symbol tS tH tW trec Parameter Setup Time, HIGH or LOW Jn or Kn to CPn Hold Time, HIGH or LOW Jn or Kn to CPn Pulse Width CPn or CDn or SDn Recovery Time CDn or SDn to CPn
Note 10: Voltage Range 5.0 is 5.0V 0.5V
TA = +25C CL = 50 pF Typ 0.5 0 3.0 -2.5
TA = -40C to +85C CL = 50 pF Guaranteed Minimum 2.0 2.0 5.0 0 2.5 2.0 6.0 0 ns ns ns ns Units
(V) (Note 10) 5.0 5.0 5.0 5.0
Capacitance
Symbol CIN CPD Input Capacitance Power Dissipation Capacitance Parameter Typ 4.5 35.0 Units pF pF Conditions VCC = OPEN VCC = 5.0V
5
www.fairchildsemi.com
74AC109 * 74ACT109
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow Package Number M16A
www.fairchildsemi.com
6
74AC109 * 74ACT109
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D
7
www.fairchildsemi.com
74AC109 * 74ACT109
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC16
www.fairchildsemi.com
8
74AC109 * 74ACT109 Dual JK Positive Edge-Triggered Flip-Flop
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 9 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74AC109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X